Part Number Hot Search : 
1344178 PRODUC SCE5743 QS5930T IRFZ4 PMFA80T TX0156A TSC5303D
Product Description
Full Text Search
 

To Download FN4117A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LS4117, 4118, 4119
Linear Integrated Systems
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
FEATURES
LOW POWER MINIMUM CIRCUIT LOADING IDSS<90 A (2N4117) IGSS<1 pA (2N4117A Series)
D
ABSOLUTE MAXIMUM RATINGS (NOTE 1) @ 25C (unless otherwise noted) Gate-Source or Gate-Drain Voltage (NOTE 1) Gate-Current Total Device Dissipation (Derate 2mW/C to 175C) Storage Temperature Range Lead Temperature (1/16" from case for 10 seconds)
G
2 3 4
Case G
-40V 50mA
S D
1
C S
300mW -65C to +175C 255C TO-72 Bottom View
ELECTRICAL CHARACTERISTICS @ 25C (unless otherwise noted) 2N4117/A 2N4118 FN4117/A 2N4118A SYMBOL CHARACTERISTICS MIN MAX MIN MAX Gate Reverse Current --10 --10 IGSS Standard only --25 --25 IGSS Gate Reverse Current --1 --1 BVGSS VGS(off) IDSS gfs gos Ciss Crss "A" Series only Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage --40 -0.6 -2.5 --1.8 0.09 210 3 3 1.5 --40 -1 0.08 80 ----2.5 --3 0.24 250 5 3 1.5
2N4119 2N4119A MIN MAX --10 --25 --1 --40 -2 0.20 100 ----2.5 --6 0.60 330 10 3 1.5
UNITS pA nA pA nA V mA
CONDITIONS VGS= -20V VDS= 0 150C VGS=-20V VDS= 0 150C IG=-1A VDS=10V VDS=10V VDS= 0 ID= 1nA VGS= 0
Saturation Drain Current 0.03 (NOTE 2) FN4117/A 0.015 Common-Source Forward 70 Transconductance (NOTE 2) Common-Source Output -Conductance Common-Source Input -Capacitance Common-Source Reverse -Transfer Capacitance
mho
f=1kHz
VDS= 10V pF
VGS= 0 f=1MHz
NOTES: 1. Due to symmetrical geometry, these units may be operated with source and drain leads interchanged. 2. This parameter is measured during a 2 ms interval 100 ms after power is applied. (Not a JEDEC condition.)
Linear Integrated Systems
4042 Clipper Ct., Fremont, CA 94538 TEL: (510) 490-9160 * FAX: (510) 353-0261


▲Up To Search▲   

 
Price & Availability of FN4117A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X